Part Number Hot Search : 
RS08KA4 OP900SL LM2904VQ CA808 HER30 879XBH 40600 BFG19S
Product Description
Full Text Search
 

To Download RF201L2S11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast recovery diode rf201l2s ? applications ? dimensions (unit : mm) general rectification ? features 1)small power mold type. (pmds) 2)ultra low v f 3)ultra high switching speed 4)low switching loss ? construction silicon epitaxial ? structure ? taping dimensions (unit : mm) ? absolute maximum ratings (ta=25c) symbol unit v rm v v r v io a i fsm a tj c tstg c ? electrical characteristics (ta=25c) symbol min. typ. max. unit conditions forward voltage v f - 0.815 0.87 v i f =2.0a i r - 0.01 10 av r =200v reverse recovery time trr - 14 25 ns i f =0.5a,i r =1a,irr=0.25*i r reverse current ? land size figure (unit : mm) storage temperature ? 55 to ? 150 (*1)mounted on epoxy board. 180half sine wave parameter forward current surge peak (60hz ? 1cyc) 20 junction temperature 150 reverse voltage (dc) 200 average rectified forward current (*1) 2 parameter limits reverse voltage (repetitive) 200 pmds 2.0 4.2 2.0 4.00.1 2.90.1 4.00.1 2.00.05 1.550.05 5.50.05 1.750.1 120.2 1.55 9.50.1 0.3 5.30.1 0.05 2.8max rohm : pmds jedec : sod-106 manufacture date 6 6 0.10.02 0.1 2.60.2 2.00.2 5.00.3 1.20.3 4.50.2 1.50.2 7 1/3 2011.05 data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
rf201l2s 50 60 70 80 90 100 110 120 130 140 150 ave:102.3pf f=1mhz vr=0v 0 0.5 1 1.5 2 2.5 3 01234 dc sin( ?180) d=1/2 1 10 100 1000 110100 8.3ms ifsm 1cyc 8.3ms 0 5 10 15 20 25 30 ave:14.3ns ta=25 if=0.5a ir=1a irr=0.25*ir n=10pcs 0 10 20 30 40 50 60 70 80 90 100 ta=25 vr=200v n=30pcs ave:16.6ns 0 50 100 150 200 250 ave:108.0a 800 810 820 830 840 850 ave:815.3mv 1 10 100 1000 0 5 10 15 20 25 30 forward voltagevf(v) vf-if characteristics forward current:if(a) reverse current:ir(na) reverse voltagevr(v) vr-ir characteristics capacitance between terminals:ct(pf) reverse voltage:vr(v) vr-ct characteristics vf dispersion map forward voltage:vf(mv) reverse current:ir(na) ir dispersion map capacitance between terminals:ct(pf) ct dispersion map ifsm disresion map peak surge forward current:ifsm(a) peak surge forward current:ifsm(a) number of cycles ifsm-cycle characteristics peak surge forward current:ifsm(a) time:t(ms) ifsm-t characteristics time:t(s) rth-t characteristics transient thaermal impedance:rth (/w) trr dispersion map reverse recovery time:trr(ns) f=1mhz ta=25 if=2a n=30pcs forward power dissipation:pf(w) average rectified forward currentio(a) io-pf characteristics 0.001 0.01 0.1 1 10 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 150 25 75 125 -25 0.1 1 10 100 1000 10000 0 50 100 150 200 25 75 -25 125 150 8.3ms ifsm 1cyc 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j-a) rth(j-c) 1m im=10m a if=100ma 300u t ime 0 50 100 150 200 1 10 100 t ifsm mounted on epoxy board 2/3 2011.05 www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
rf201l2s ambient temperature:ta() derating curve?(io-ta) average rectified forward current:io(a) average rectified forward current:io(a) case temparature:tc() derating curve?(io-tc) electrostatic discharge test esd(kv) esd dispersion map 0 5 10 15 20 25 30 c=200pf r=0 c=100pf r=1.5k ave:21.0kv no break at 30kv 0 1 2 3 4 5 0 25 50 75 100 125 150 sin( ?180) dc d=1/2 t tj=150 d=t/t t vr io vr=100v 0a 0v 0 1 2 3 4 5 0 25 50 75 100 125 150 t tj=150 d=t/t t vr io vr=100v 0 a 0v sin(?180) dc d=1/2 3/3 2011.05 www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RF201L2S11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X